Part Number Hot Search : 
29LV00 4HC373D 166TQC MB152 45332C 354388 CLM4121N CMXXX
Product Description
Full Text Search
 

To Download 7P351V330J042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 7P 55 C Photoflash, High-Energy, Long Life, Aluminum
High Energy, Long-Life Snapmount or Solder-Lug Terminals Rugged Type 7P capacitors can withstand more than 100,000 full discharges in typical photoflash applications--that's more than ten times the life of ordinary photoflash capacitors. And thanks to special, high-energy anode foil, the Type 7P has industryleading energy densities of more than 1 joule per cc.
Highlights
* * 100,000 flash capability 1 joule per cc energy density
Specifications
Operating Temperature Range: -20 C to +55 C Rated Voltage: 330 or 360 Vdc Capacitance: 300 to 2700 F -10% +20% Leakage Current: 1 times C in A maximum at 5 min. Dissipation Factor (Tan): 15% max. @ 25 C & 120 Hz Discharge Life: 100,000 minimum at 30 s interval
Capacitance 10% ESR 150% of limit DCL 150% of limit
Shelf Life: 500 h @ +70 C
Capacitance 10% ESR 150% of limit DCL 150% of limit
Outline Drawings
Vibration: 10 to 55 Hz; 0.06" and 10 g max, 6 h vertical, 2 h. ea. 2 other planes
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 7P 55 C Photoflash, High-Energy, Long Life, Aluminum
Terminal Drawings
Snap-In Terminals
Solder-Lug Terminals
Part Numbering System
7P 122 V 330 N05 2 L
Type
Capacitance 301 = 300 F 122 = 1200 F
Tolerance 10 + 20%
Rated Voltage
Case Code
Insulation 2 = PVC
Terminals (blank) = snap-in L = solder lugs
Ratings
ESR Maximum Cap. Catalog Part @ +25 C, 120 Diameter Length (F) Number (mm) (in) (mm) (in) () 330 Vdc (360 Vdc Surge) 300 7P301V330J032 0.663 25 0.98 35 1.38 300 7P301V330K012 0.663 30 1.18 25 0.98 350 7P351V330J042 0.568 25 0.98 40 1.57 350 7P351V330K022 0.568 30 1.18 30 1.18 400 7P401V330J042 0.497 25 0.98 40 1.57 400 7P401V330K022 0.497 30 1.18 30 1.18 500 7P501V330J052 0.398 25 0.98 50 1.97 500 7P501V330K032 0.398 30 1.18 35 1.38 600 7P601V330K042 0.332 30 1.18 40 1.57 700 7P701V330A042 0.284 35 1.38 40 1.57 800 7P801V330A042 0.249 35 1.38 40 1.57 900 7P901V330A052 0.221 35 1.38 50 1.97 900 7P901V330A452 0.221 35 1.38 45 1.77 1000 7P102V330A052 0.199 35 1.38 50 1.97 1000 7P102V330N042 0.199 40 1.57 40 1.57 1200 7P122V330A052 0.166 35 1.38 50 1.97 1500 7P152V330A062 0.133 35 1.38 63 2.48 2000 7P202V330A082 0.099 35 1.38 80 3.15 2700 7P272V330N082 0.074 40 1.57 80 3.15
RoHS Compliant
ESR Maximum Cap. Catalog Part @ +25 C, 120 Diameter Length (F) Number (mm) (in) (mm) (in) () 360 Vdc (390 Vdc Surge) 300 7P301V360J042 0.663 25 0.98 40 1.57 350 7P351V360K022 0.568 30 1.18 30 1.18 350 7P351V360A012 0.568 35 1.38 25 0.98 400 7P401V360J052 0.497 25 0.98 50 1.97 400 7P401V360K032 0.497 30 1.18 35 1.38 450 7P451V360K032 0.442 30 1.18 35 1.38 450 7P451V360A022 0.442 35 1.38 30 1.18 500 7P501V360K042 0.398 30 1.18 40 1.57 600 7P601V360A032 0.332 35 1.38 35 1.38 700 7P701V360A042 0.284 35 1.38 40 1.57 800 7P801V360A452 0.249 35 1.38 45 1.77 900 7P901V360N042 0.221 40 1.57 40 1.57 1000 7P102V360A052 0.199 35 1.38 50 1.97 1200 7P122V360A062 0.166 35 1.38 63 2.48 1500 7P152V360A072 0.133 35 1.38 70 2.76 2000 7P202V360N082 0.099 40 1.57 80 3.15 2500 7P252V360N082 0.080 40 1.57 80 3.15
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 7P351V330J042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X